Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2221 Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza 2SK2221
Descripción Electrónicos  Old Company Name in Catalogs and Other Documents
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2221 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SK2221 Datasheet HTML 1Page - Renesas Technology Corp 2SK2221 Datasheet HTML 2Page - Renesas Technology Corp 2SK2221 Datasheet HTML 3Page - Renesas Technology Corp 2SK2221 Datasheet HTML 4Page - Renesas Technology Corp 2SK2221 Datasheet HTML 5Page - Renesas Technology Corp 2SK2221 Datasheet HTML 6Page - Renesas Technology Corp 2SK2221 Datasheet HTML 7Page - Renesas Technology Corp 2SK2221 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2220, 2SK2221
Rev.2.00 Sep 07, 2005 page 3 of 5
Main Characteristics
Case Temperature TC (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
150
100
50
50
100
150
0
20
5
1.0
0.2
20
100
500
10
0.5
5
10
50
200
Ta = 25
°C
2
2SK2220
2SK2221
10
20
50
8
2
10
30
40
0
4
6
4
Pch = 125 W
VGS =
10 V
01
2
3
6
5
7
8
9
TC = 25°C
10
410
8
2
26
8
0
4
6
VGS = 10 V
0
8
9
TC = 25°C
7
6
5
4
3
2
1
10
410
8
2
26
8
0
4
6
VDS = 10 V
75
1.0
0.8
2.0
0.8
0.2
0.4
1.2
1.6
0
0.4
0.6
VDS = 10 V


Número de pieza similar - 2SK2221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK2221 HITACHI-2SK2221 Datasheet
39Kb / 7P
Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK2221 RENESAS-2SK2221 Datasheet
72Kb / 6P
Silicon N Channel MOS FET
2SK2221-E RENESAS-2SK2221-E Datasheet
72Kb / 6P
Silicon N Channel MOS FET
More results

Descripción similar - 2SK2221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com