Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74240 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74240
Descripción Electrónicos  Octal 3-STATE Buffer/Line Driver/Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74240 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74240 Datasheet HTML 1Page - Fairchild Semiconductor 74240 Datasheet HTML 2Page - Fairchild Semiconductor 74240 Datasheet HTML 3Page - Fairchild Semiconductor 74240 Datasheet HTML 4Page - Fairchild Semiconductor 74240 Datasheet HTML 5Page - Fairchild Semiconductor 74240 Datasheet HTML 6Page - Fairchild Semiconductor 74240 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Function Tables
DM74LS240
DM74LS241
L
= LOW Logic Level
H
= HIGH Logic Level
X
= Either LOW or HIGH Logic Level
Z
= High Impedance
Inputs
Output
G
AY
LL
H
LH
L
HX
Z
Inputs
Outputs
GG
1A
2A
1Y
2Y
XL
L
X
L
XL
H
X
H
XH
X
X
Z
HX
X
L
L
HX
X
H
H
L
XXX
Z


Número de pieza similar - 74240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
74241 ETC2-74241 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74242 ETC2-74242 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74243 ETC2-74243 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
logo
Fairchild Semiconductor
74244 FAIRCHILD-74244 Datasheet
65Kb / 6P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
74245 FAIRCHILD-74245 Datasheet
66Kb / 6P
   3-STATE Octal Bus Transceiver
More results

Descripción similar - 74240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74LS244 FAIRCHILD-DM74LS244 Datasheet
65Kb / 6P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
logo
Integral Corp.
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com