Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AOZ8533 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

No. de pieza AOZ8533
Descripción Electrónicos  4-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8533 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ8533 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8533 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev. 1.6 January 2010
www.aosmd.com
Page 5 of 7
AOZ8533
Package Dimensions, DFN 1.2 x 1.8, 8L
D
E
A1
0.20
0.40
0.30
0.20
0.20
0.20
0.20
1.00
1.00
0.30
0.20
A3
A
L
D2
b
e
D1
E1
Pin 1
Marking
Pin 1 ID
(C0.2x45
°)
Notes:
1. Controlling dimension is millimeter, converted inch dimensions are not necessaily exact.
2. Warpage shall not exceed 0.10mm.
3. Marking is for package orientation reference only.
Symbols
A
A1
A3
b
D
D1
D2
E
E1
e
L
Dimensions in millimeters
RECOMMENDED LAND PATTERN
SIDE VIEW
TOP VIEW
BOTTOM VIEW
Min.
0.50
0.00
0.15
1.75
0.95
1.15
0.25
0.20
Nom.
0.55
0.152 Ref.
0.20
1.80
1.00
0.200 Ref.
1.20
0.30
0.40 BSC
0.25
Max.
0.60
0.05
0.25
1.85
1.05
1.25
0.35
0.30
Symbols
A
A1
A3
b
D
D1
D2
E
E1
e
L
Dimensions in inches
Min.
0.020
0.000
0.006
0.069
0.037
0.045
0.010
0.008
Nom.
0.022
0.006 Ref.
0.008
0.071
0.039
0.008 Ref.
0.047
0.012
0.016 BSC
0.010
Max.
0.024
0.002
0.010
0.073
0.041
0.049
0.014
0.012


Número de pieza similar - AOZ8533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Descripción similar - AOZ8533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8073 AOSMD-AOZ8073 Datasheet
296Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8014 AOSMD-AOZ8014 Datasheet
254Kb / 6P
   4-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8033 AOSMD-AOZ8033 Datasheet
352Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4401MN ONSEMI-NUF4401MN Datasheet
62Kb / 4P
   4 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com