Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SF Datasheet(PDF) 163 Page - ITT Industries

No. de pieza DEM9SF
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SF Datasheet(HTML) 163 Page - ITT Industries

Back Button DEM9SF Datasheet HTML 159Page - ITT Industries DEM9SF Datasheet HTML 160Page - ITT Industries DEM9SF Datasheet HTML 161Page - ITT Industries DEM9SF Datasheet HTML 162Page - ITT Industries DEM9SF Datasheet HTML 163Page - ITT Industries DEM9SF Datasheet HTML 164Page - ITT Industries DEM9SF Datasheet HTML 165Page - ITT Industries DEM9SF Datasheet HTML 166Page - ITT Industries DEM9SF Datasheet HTML 167Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
162
D Subminiature
Military/High Reliability
High Voltage Straight PCB (Sizes DE-DC)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5V1PN
DEMMZ5V1PN
DEMMN5V1PN
DA
7W2
DAMMV7V2PN
DAMMZ7V2PN
DAMMN7V2PN
DA
11W1
DAMMV11V1PN
DAMMZ11V1PN
DAMMN11V1PN
DA
3W3
DAMMV3V3PN
DAMMZ3V3PN
DAMMN3V3PN
DA
3WK3
DAMMV3VK3PNTM
DAMMZ3VK3PNTM
DAMMN3VK3PNTM
DB
5W5
DBMMV5V5PN
DBMMZ5V5PN
DBMMN5V5PN
DB
9W4
DBMMV9V4PN
DBMMZ9V4PN
DBMMN9V4PN
DB
13W3
DBMMV13V3PN
DBMMZ13V3PN
DBMMN13V3PN
DB
17W2
DBMMV17V2PN
DBMMZ17V2PN
DBMMN17V2PN
DB
21W1
DBMMV21V1PN
DBMMZ21V1PN
DBMMN21V1PN
DC
8W8
DCMMV8V8PN
DCMMZ8V8PN
DCMMN8V8PN
DC
13W6
DCMMV13V6PN
DCMMZ13V6PN
DCMMN13V6PN
DC
17W5
DCMMV17V5PN
DCMMZ17V5PN
DCMMN17V5PN
DC
21WA4
DCMMV21VA4PN
DCMMZ21VA4PN
DCMMN21VA4PN
DC
25W3
DCMMV25V3PN
DCMMZ25V3PN
DCMMN25V3PN
DC
27W2
DCMMV27V2PN
DCMMZ27V2PN
DCMMN27V2PN
Notes: For DD shell size, see page 164.
Keyed.
Dimensions
Plug
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,37 (.015)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Hardware and high voltage contact
removed for clarity
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 254-255.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
10
°
A
C
E
D
B
4,52
(.178)
7,62
± 0,25
(.300
± .010)
Ø 0,76
(.030)
BOARDLOCK
2,92
(.115)
6,50
± 0,25
(.256
± .010)
SCREW LOCK
#4-40 UNC
STANDOFF
#4-40 UNC
F
W
2,84
(.112)
L