Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DCMM37SC Datasheet(PDF) 166 Page - ITT Industries

No. de pieza DCMM37SC
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SC Datasheet(HTML) 166 Page - ITT Industries

Back Button DCMM37SC Datasheet HTML 162Page - ITT Industries DCMM37SC Datasheet HTML 163Page - ITT Industries DCMM37SC Datasheet HTML 164Page - ITT Industries DCMM37SC Datasheet HTML 165Page - ITT Industries DCMM37SC Datasheet HTML 166Page - ITT Industries DCMM37SC Datasheet HTML 167Page - ITT Industries DCMM37SC Datasheet HTML 168Page - ITT Industries DCMM37SC Datasheet HTML 169Page - ITT Industries DCMM37SC Datasheet HTML 170Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
165
D Subminiature
Military/High Reliability
High Voltage Straight PCB (Size DD)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMV24V7SN
DDMMZ24V7SN
DDMMN24V7SN
DD
36W4
DDMMV36V4SN
DDMMZ36V4SN
DDMMN36V4SN
DD
43W2
DDMMV43V2SN
DDMMZ43V2SN
DDMMN43V2SN
DD
47W1
DDMMV47V1SN
DDMMZ47V1SN
DDMMN47V1SN
Dimensions
Receptacle
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Hardware and high voltage contacts
removed for clarity
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 259.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
A
C
E
D
B
10
°
Ø 0,76
(.030)
SCREW LOCK
#4-40 UNC
BOARDLOCK
2,92
(.115)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
STANDOFF
#4-40 UNC
4,52
(.178)
5,69
(.224)
2,84
(.112)
L
F
W