Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMM15SC Datasheet(PDF) 185 Page - ITT Industries

No. de pieza DAMM15SC
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SC Datasheet(HTML) 185 Page - ITT Industries

Back Button DAMM15SC Datasheet HTML 181Page - ITT Industries DAMM15SC Datasheet HTML 182Page - ITT Industries DAMM15SC Datasheet HTML 183Page - ITT Industries DAMM15SC Datasheet HTML 184Page - ITT Industries DAMM15SC Datasheet HTML 185Page - ITT Industries DAMM15SC Datasheet HTML 186Page - ITT Industries DAMM15SC Datasheet HTML 187Page - ITT Industries DAMM15SC Datasheet HTML 188Page - ITT Industries DAMM15SC Datasheet HTML 189Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
184
D Subminiature
Space/High Reliability
D*MA High Density Crimp Contact Cable Connector
Plug
Reader’s Resource
For contact cavity arrangements,
see page 186.
For panel cutouts, see page 221.
For hardware views (Standard)
see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
15
DEMA15PNM*
DEMAY15PNM*
DA
26
DAMA26PNM*
DAMAY26PNM*
DB
44
DBMA44PNM*
DBMAY44PNM*
DC
62
DCMA62PNM*
DCMAY62PNM*
DD
78
DDMA78PNM*
DDMAY78PNM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEMA15PNMB
For shells with 50 microinches gold, add K52. Example: DEMA15PNMK52
For connectors without contacts, add F0. Example: DEMA15PNMF0 (F0 not marked on connector)
For crimp (Size 22) contacts and tooling, see pages 187 & 275
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
A
C
B
10
°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
F
W
L
K