Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEMM9SC Datasheet(PDF) 142 Page - ITT Industries

No. de pieza DEMM9SC
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SC Datasheet(HTML) 142 Page - ITT Industries

Back Button DEMM9SC Datasheet HTML 138Page - ITT Industries DEMM9SC Datasheet HTML 139Page - ITT Industries DEMM9SC Datasheet HTML 140Page - ITT Industries DEMM9SC Datasheet HTML 141Page - ITT Industries DEMM9SC Datasheet HTML 142Page - ITT Industries DEMM9SC Datasheet HTML 143Page - ITT Industries DEMM9SC Datasheet HTML 144Page - ITT Industries DEMM9SC Datasheet HTML 145Page - ITT Industries DEMM9SC Datasheet HTML 146Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
141
D Subminiature
Military/High Reliability
Solder Cup Connector
Part Numbers
Military Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEMM9S
DEMMY9S
DEMME9S
DA
15
DAMM15S
DAMMY15S
DAMME15S
DB
25
DBMM25S
DBMMY25S
DBMME25S
DC
37
DCMM37S
DCMMY37S
DCMME37S
DD
50
DDMM50S
DDMMY50S
DDMME50S
Commercial Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEM9S
DEMY9S
DEME9S
DA
15
DAM15S
DAMY15S
DAME15S
DB
25
DBM25S
DBMY25S
DBME25S
DC
37
DCM37S
DCMY37S
DCME37S
DD
50
DDM50S
DDMY50S
DDME50S
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
A
C
B
E
D
10
°
Ø 3,05
(.120)
9,91 (.390)
MAX
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W
Receptacle
Engaging Face
DD Configuration
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.