Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMM15SF Datasheet(PDF) 106 Page - ITT Industries

No. de pieza DAMM15SF
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Datasheet(HTML) 106 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 102Page - ITT Industries DAMM15SF Datasheet HTML 103Page - ITT Industries DAMM15SF Datasheet HTML 104Page - ITT Industries DAMM15SF Datasheet HTML 105Page - ITT Industries DAMM15SF Datasheet HTML 106Page - ITT Industries DAMM15SF Datasheet HTML 107Page - ITT Industries DAMM15SF Datasheet HTML 108Page - ITT Industries DAMM15SF Datasheet HTML 109Page - ITT Industries DAMM15SF Datasheet HTML 110Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
105
D Subminiature
Filter D
D*JK/D*JT
FilterconnectorsseriesD*JKandD*JTfrom
ITT Cannon especially designed for
commercial applications provide excellent
protection against EMI and RFI.
Using D Subminiature standard components a
cost-effective production can be achieved as well
as 100% compatibility with equivalent products
according to DIN 41652. D Subminiature standard
accessories can be used.
High quality tubular ceramic capacitors are
assembled onto the D*JK contacts and soldered to
contact and backshell while series D*JT
connectors apply planar array filters.
Applications:
EMI/RFI Sensitive Electronics
Test & Measurement Equipment
Computer Equipment
Medical Equipment
Telecommunication Transmission
Product Features
HF–tightness and mechanical stability by
closed backshell
Free-stamped grounding fingers (pin
connector only)
Straight and 90
° solder pins (D*JK)
Solder cups, straight and 90
° solder pins
(D*JT)
Versatile mounting possibilities (brackets,
captive nuts)
Contact finsh according to performance
class 2 (standard) or class 1
Mechanical Data
Coupling
Friction, accessories
Polarization
Keystone shape of shell
Termination
PC tails, straight and 90
°
Solder cups
Specifications
Temperature Range Per DIN IEC 68 Part 1
−55°C to 125°C
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com