Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMM15SF Datasheet(PDF) 217 Page - ITT Industries

No. de pieza DAMM15SF
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SF Datasheet(HTML) 217 Page - ITT Industries

Back Button DAMM15SF Datasheet HTML 213Page - ITT Industries DAMM15SF Datasheet HTML 214Page - ITT Industries DAMM15SF Datasheet HTML 215Page - ITT Industries DAMM15SF Datasheet HTML 216Page - ITT Industries DAMM15SF Datasheet HTML 217Page - ITT Industries DAMM15SF Datasheet HTML 218Page - ITT Industries DAMM15SF Datasheet HTML 219Page - ITT Industries DAMM15SF Datasheet HTML 220Page - ITT Industries DAMM15SF Datasheet HTML 221Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
216
Shell
Part
A
B
C
Size
Layout
Numbers
±0,40 (.015)
±0,25 (.010)
±0,25 (.010)
DE
9
DEBU111515
30,81 (1.213)
24,99 (.984)
16,92 (.666)
DA
15
DABU111512
39,14 (1.541)
33,32 (1.312)
25,25 (.994)
DB
25
DBBU111511
53,04 (2.088)
47,04 (1.852)
38,96 (1.534)
Note: DC-37 and DD-50 not available.
D Subminiature Accessories
Connector Saver
Connector Saver
Engaging Face, Pin Side
Connector Saver
Specifications
Temperature:
−55° C to 105° C
Current Rating: 7 A
Dielectric Withstanding Voltage: 500 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shells
Steel
Tin/Lead
Insulator
Black Thermoplastic, UL 94V-0
—
Contacts
Copper Alloy
Gold Over Nickel
Spacer
Zinc Alloy
—
Locking Hardware
Steel
Clear Chromate Over Zinc
Connector Savers are used to minimize wear on
cable or panel connectors.
Note: Hardware removed for clarity.
A
B
C
2X 10
°
CONTACT
SHELL,
PIN FRONT
SHELL,
SOCKET FRONT
SPACER
INSULATOR ASSY
SOCKET
5,97
± 0,25
(.235
± .010)
6,17
± 0,25
(.243
± .010)
21,95
± 0,51
(.864
± .020)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com