Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMM15SA Datasheet(PDF) 209 Page - ITT Industries

No. de pieza DAMM15SA
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SA Datasheet(HTML) 209 Page - ITT Industries

Back Button DAMM15SA Datasheet HTML 205Page - ITT Industries DAMM15SA Datasheet HTML 206Page - ITT Industries DAMM15SA Datasheet HTML 207Page - ITT Industries DAMM15SA Datasheet HTML 208Page - ITT Industries DAMM15SA Datasheet HTML 209Page - ITT Industries DAMM15SA Datasheet HTML 210Page - ITT Industries DAMM15SA Datasheet HTML 211Page - ITT Industries DAMM15SA Datasheet HTML 212Page - ITT Industries DAMM15SA Datasheet HTML 213Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
208
D Subminiature Accessories
Locking Hardware
Male Screw Lock
Shell Size
Part
Number
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,13 (.005)
DE, DA, DB, DC
D20419
14,10 (.555)
6,35 (.250)
1,22 (.048)
DE, DA, DB, DC
D20419-18
14,10 (.555)
7,14 (.281)
1,70 (.067)
DE, DA, DB, DC
D20419-21
14,10 (.555)
7,14 (.281)
2,34 (.092)
DE, DA, DB, DC
D20419-104
14,10 (.555)
7,92 (.312)
2,34 (.092)
DD
D20420
16,66 (.656)
6,35 (.250)
1,22 (.048)
DD
D20420-13
16,66 (.656)
7,14 (.281)
1,70 (.067)
DD
D20420-15
16,66 (.656)
7,14 (.281)
2,34 (.092)
DD
D20420-86
16,66 (.656)
7,92 (.312)
2,34 (.092)
B
SCREW
#4-40 UNC-2A THD
C
CLIP GAP
A
CLIP
Screw Lock Assemblies
SCREW
CLIP
WITH
THD
NUT
WASHER
LOCK
WASHER
HEX NUT
MOUNTING
PANEL
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
ITT Cannon offers the largest variety of locking and
latching hardware.
Refer to the accessories selection guide on pages
198-199 for use with ITT Cannon backshells.
Product Features
Ensures positive mating
Provides locking and latching for high
vibration applications
Kit consists of 1 screw and 1 clip
Order 2 per connector
Material:
Steel
Finish:
Yellow Chromate over
Cadmium or Zinc
Front Panel Mount
Rear Panel Mount