Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMM15SD Datasheet(PDF) 165 Page - ITT Industries

No. de pieza DAMM15SD
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SD Datasheet(HTML) 165 Page - ITT Industries

Back Button DAMM15SD Datasheet HTML 161Page - ITT Industries DAMM15SD Datasheet HTML 162Page - ITT Industries DAMM15SD Datasheet HTML 163Page - ITT Industries DAMM15SD Datasheet HTML 164Page - ITT Industries DAMM15SD Datasheet HTML 165Page - ITT Industries DAMM15SD Datasheet HTML 166Page - ITT Industries DAMM15SD Datasheet HTML 167Page - ITT Industries DAMM15SD Datasheet HTML 168Page - ITT Industries DAMM15SD Datasheet HTML 169Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
164
D Subminiature
Military/High Reliability
High Voltage Straight PCB (Size DD)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMV24V7PN
DDMMZ24V7PN
DDMMN24V7PN
DD
36W4
DDMMV36V4PN
DDMMZ36V4PN
DDMMN36V4PN
DD
43W2
DDMMV43V2PN
DDMMZ43V2PN
DDMMN43V2PN
DD
47W1
DDMMV47V1PN
DDMMZ47V1PN
DDMMN47V1PN
Dimensions
Plug
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Hardware and high voltage contact
removed for clarity.
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 256.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
10
°
A
C
E
D
B
SCREW LOCK
#4-40 UNC
7,62
± 0,25
(.300
± .010)
Ø 0,76
(.030)
STANDOFF
#4-40 UNC
BOARDLOCK
4,52
(.178)
2,92
(.115)
6,50
± 0,25
(.256
± .010)
5,69
(.224)
2,84
(.112)
L
F
W