| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8352 Datasheet(PDF) 320 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 Datasheet(HTML) 320 Page - Wolfson Microelectronics plc |
|
320 / 336 page ![]() WM8352 Production Data w PD, February 2011, Rev 4.4 320 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO Output- Write sets the value to drive the GPIO pin 5 GP5_LVL 0 Logic level of GPIO5 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP5_EINT Output- Write sets the value to drive the GPIO pin 4 GP4_LVL 0 Logic level of GPIO4 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP4_EINT Output- Write sets the value to drive the GPIO pin 3 GP3_LVL 0 Logic level of GPIO3 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP3_EINT Output- Write sets the value to drive the GPIO pin 2 GP2_LVL 0 Logic level of GPIO2 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP2_EINT Output- Write sets the value to drive the GPIO pin 1 GP1_LVL 0 Logic level of GPIO1 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP1_EINT Output- Write sets the value to drive the GPIO pin 0 GP0_LVL 0 Logic level of GPIO0 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP0_EINT Output- Write sets the value to drive the GPIO pin Register E6h GPIO Pin Status |