| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8351 Datasheet(PDF) 178 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8351 Datasheet(HTML) 178 Page - Wolfson Microelectronics plc |
|
178 / 330 page ![]() WM8351 Production Data w PD, April 2012, Rev 4.5 178 20 GENERAL PURPOSE INPUTS / OUTPUTS (GPIO) 20.1 GENERAL DESCRIPTION The WM8351 has thirteen general-purpose input/output (GPIO) pins; GPIO0 - GPIO12. These can be configured as inputs or outputs, active high or active low, with optional on-chip pull-up or pull-down resistors. Alternate functions are also available for each GPIO pin. Note that different GPIO pins are supported on different power domains. The applicable power domain is specific to a pin, not to a particular GPIO function. The power domains are as follows: GPIO0 to GPIO3 : VRTC GPIO4 to GPIO9 : DBVDD GPIO10 to GPIO12 : LINE Figure 79 GPIO Equivalent Circuit |