Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BT Datasheet(PDF) 2 Page - Soberton Inc.

No. de pieza ST-025BT
Descripción Electrónicos  Magnetic Transducer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BT Datasheet(HTML) 2 Page - Soberton Inc.

  ST-025BT Datasheet HTML 1Page - Soberton Inc. ST-025BT Datasheet HTML 2Page - Soberton Inc. ST-025BT Datasheet HTML 3Page - Soberton Inc. ST-025BT Datasheet HTML 4Page - Soberton Inc. ST-025BT Datasheet HTML 5Page - Soberton Inc. ST-025BT Datasheet HTML 6Page - Soberton Inc. ST-025BT Datasheet HTML 7Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vo-p
0V
A:SCOPE
2/7
B:SPECIFICATION
■ Test condition: TEMP=+25±2 ℃ Related humidity=45~60±5% Air pressure:860-1060mbar
NO.
Item
Unit
Specification
Condition
This specification applies magnetic buzzer, ST-025BT
1
Rated Voltage
Vo-p
3.6
2
Operating Voltage
Vo-p
2.5 - 4.5
3
Mean Current
mA
Max. 100
Applying rated voltage & rated frequency,
square wave 1/2 duty
4
Coil Resistance
16 ± 3
5
Sound Output
dBA
85/10cm
Distance at 10cm(A-weight free air), Applying
rated voltage & rated frequency, square
wave,1/2duty
6
Rated Frequency
Hz
3100
7
Operating Temp
-30-+85
8
Storage Temp
-40-+85
9
Dimension
mm
7.5 × 7.5 × 2.5
See attached drawing.
10
Weight
gram
0.8
11
Material
LCP (Black)
12
Terminal
SMD type
See attached drawing
13
Environmental
Protection
Regulation
RoHS
14
Storage life
month
3
3 months preservation at room temp(25±3℃),
Humidity40%


Número de pieza similar - ST-025BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soberton Inc.
ST-025BT SOBERTON-ST-025BT Datasheet
433Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BT SOBERTON-ST-025BT_17 Datasheet
433Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results

Descripción similar - ST-025BT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
   Magnetic Transducer
logo
DB Lectro Inc
MTS1035A04LM DBLECTRO-MTS1035A04LM Datasheet
282Kb / 1P
   Magnetic Transducer
logo
Soberton Inc.
ST-04BLA SOBERTON-ST-04BLA Datasheet
749Kb / 7P
   Magnetic Transducer
ST-025BLA SOBERTON-ST-025BLA_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BL SOBERTON-ST-025BL_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-03BLA SOBERTON-ST-03BLA Datasheet
761Kb / 7P
   Magnetic Transducer
logo
List of Unclassifed Man...
EMX-7T05P ETC2-EMX-7T05P Datasheet
114Kb / 1P
   Magnetic Transducer
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com