Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC56EC64B3 Datasheet(PDF) 112 Page - STMicroelectronics

No. de pieza SPC56EC64B3
Descripción Electrónicos  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64B3 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPC56EC64B3 Datasheet HTML 108Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 109Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 110Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 111Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 112Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 113Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 114Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 115Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 118 page
background image
Package characteristics
SPC564Bxx - SPC56ECxx
112/118
Doc ID 17478 Rev 4
Note:
The package is designed according to the Jedec standard No 95-1 Section 14 dedicated to
Ball Grid Array Package Design Guide.
Table 55.
LBGA256 mechanical data
Ref
mm
Min
Typ
Max
A
1.210
1.700
A1
0.300
A2
0.300
A4
0.800
b
0.400
0.500
0.600
D
16.800
17.000
17.200
D1
15.000
E
16.800
17.000
17.200
E1
15.000
e
0.900
1.000
1.100
Z
0.750
1.000
1.250
ddd
0.200