| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA381BWS Datasheet(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Datasheet(HTML) 120 Page - STMicroelectronics |
|
120 / 171 page ![]() Register description: Sound Terminal compatibility STA381BWS 120/171 Doc ID 018937 Rev 6 2.1 channels, two full-bridges + one external full-bridge (OCFG = 10) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● EAPD -> OUT4A ● TWARN -> OUT4B ● FFX1A/1B configured as C1B0 (default: ternary) ● FFX2A/2B configured as C2B0 (default: ternary) ● FFX3A/3B configured as C3B0 (default: ternary) ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 38. Figure 38. 2.1 channels (OCFG = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B |