| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TNETX15VE Datasheet(PDF) 107 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Datasheet(HTML) 107 Page - Texas Instruments |
|
107 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 107 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 VLAN support for proprietary systems (continued) If the TNETX3150/TNETX3150A and TNETX15VE is the front end for a larger device through port 00 as an uplink, port 00 should be included in all the VLANs in use. This allows stations on the other side of the uplink in each VLAN. TagVLAN0 = 0x0 VLANID1 = TNETX3150/TNETX3150A Port 01 VLAN TagVLAN1 = 0x1 VLANID2 = TNETX3150/TNETX3150A Port 02 VLAN TagVLAN2 = 0x2 VLANID3 = TNETX3150/TNETX3150A Port 03 VLAN TagVLAN3 = 0x3 VLANID4 = TNETX3150/TNETX3150A Port 04 VLAN TagVLAN4 = Don’t care VLANID5 = TNETX3150/TNETX3150A Port 05 VLAN TagVLAN5 = Don’t care VLANID6 = TNETX3150/TNETX3150A Port 06 VLAN TagVLAN6 = Don’t care VLANID7 = TNETX3150/TNETX3150A Port 07 VLAN TagVLAN7 = Don’t care VLANID8 = TNETX3150/TNETX3150A Port 08 VLAN TagVLAN8 = Don’t care VLANID9 = TNETX3150/TNETX3150A Port 09 VLAN TagVLAN9 = Don’t care VLANID10 = TNETX3150/TNETX3150A Port 10 VLAN TagVLAN10 = Don’t care VLANID11 = TNETX3150/TNETX3150A Port 11 VLAN TagVLAN11 = Don’t care VLANID12 = TNETX3150/TNETX3150A Port 12 VLAN TagVLAN12 = Don’t care VLANID13 = TNETX3150/TNETX3150A Port 13 VLAN TagVLAN13 = Don’t care VLANID14 = TNETX3150/TNETX3150A Port 14 VLAN TagVLAN14 = Don’t care TagVLAN15 = Don’t care VLANmask0 = All ports whose VLANID register is VLAN 0x0 + uplink. VLANmask1 = All ports whose VLANID register is VLAN 0x1 + uplink. VLANmask2 = All ports whose VLANID register is VLAN 0x2 + uplink. VLANmask3 = All ports whose VLANID register is VLAN 0x3 + uplink. duplicate address support through VLAN The TNETX15VE VLAN capabilities enable the support of duplicate addresses. Duplicate addresses have the same 48-bit MAC address, but lie in different VLANs. If the address 0x12.34.56.78.9A.BC – VLAN 0x0 is present in the TNETX15VE lookup table, a duplicate (but allowable) address would be 0x12.34.56.78.9A.BC – VLAN 0x01. The TNETX15VE treats duplicate addresses as independent entities. Each address has its own set of flags, port assignment, and time-stamp information. This means that frames for duplicate addresses are routed differently and are treated differently in the AGE logic operation. |