Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BL1-06 Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza BL1-06
Descripción Electrónicos  1A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BL1-06 Datasheet(HTML) 2 Page - Frontier Electronics.

  BL1-06 Datasheet HTML 1Page - Frontier Electronics. BL1-06 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BL1-005 THRU BL1-10
Page: 2
RATINGS AND CHARACTERISTIC CURVES BL1-005 THRU BL1-10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
20
10
1.0
0.1
.01
FIG. 4 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
TJ=25
1
10
20
NUMBER OF CYCLES AT 60HZ
60
30
0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
TL=90
oC
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
FIG. 1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
1.0
.8
.6
.4
.2
0
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (
℃)
Sing Phase Wave
60Hz Inductive or
Resistive Load
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
10
1.0
0.1
.01
T OF RATED PEAK REVERSE VOLTA
TJ=25
0
20
40
60
80
100
120
140


Número de pieza similar - BL1-06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weller Tools
BL10 WELLER-BL10 Datasheet
1Mb / 2P
BL60MP Cordless Soldering Iron with Rechargeable Lithium-Ion Battery
logo
List of Unclassifed Man...
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
80mm Brushless DC Motor, 100W, 24V
logo
Bolymin, Inc
BL1002A BOLYMIN-BL1002A Datasheet
59Kb / 1P
COB with metal frame 5x7 dots with cursor
logo
Vishay Siliconix
BL1040CT VISHAY-BL1040CT Datasheet
153Kb / 5P
Dual Common Cathode Schottky Rectifier
Revision: 19-Sep-2018
logo
Applied Motion Products...
BL105-H03-G AMP-BL105-H03-G Datasheet
1Mb / 8P
BLDC Motors & Drives
More results

Descripción similar - BL1-06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
DF005 FRONTIER-DF005 Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF005-LFR FRONTIER-DF005-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB101F SECOS-MB101F Datasheet
210Kb / 2P
100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_16 Datasheet
218Kb / 4P
1A, 200V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com