Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT04H-P05-57K-N52-TR Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

No. de pieza KT04H-P05-57K-N52-TR
Descripción Electrónicos  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KT04H-P05-57K-N52-TR Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  KT04H-P05-57K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KT04H-P05-57K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
PN of the B05 series: Typ. CRI 75 White LEDs
The table below is a list of part numbers for the EHP-B05 5W series White LED. All parts listed match ANSI
binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed with min
70 to 80. Typical view angle is 140°. These clearly listed binning options allow for proper design and
implementation into lighting applications.
For Example: If you order product using EHP-B05MLG/GT04H-P05/57K/R11/TR, you will get White,
EHP-B05 series LEDs at 700mA are listed below.
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous Flux
(lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/GT04H-P05/65K/R11/TR
400-450
450-500
**/GT14H-P05/65K/R12/TR
450-500
500-550
65K-1~65K-4
6.0 - 7.0
75
70
**/GT04H-P05/57K/R11/TR
400-450
450-500
**/GT14H-P05/57K/R12/TR
450-500
500-550
57K-1~57K-4
6.0 - 7.0
75
70
**/GT04H-P05/50K/R11/TR
400-450
450-500
**/GT14H-P05/50K/R12/TR
450-500
500-550
50K-1~50K-4
6.0 - 7.0
75
70
**/LM04H-P05/45K/N52/TR
375-400
400-450
45K-1~45K-4
6.0 - 7.0
75
70
**/LM04H-P05/40K/N52/TR
350-400
400-450
40K-1~40K-4
6.0 - 7.0
75
70
Color
Variant
Radiation
Pattern
CRI
Typ
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
57K-3 ~ 57K-4
6.0~6.5(O4)
6.5~7.0(O5)
400
Cool
White
6500
Cool
White
5700
Neutral
White
4500
Cool
White
5000
Neutral
White
4000


Número de pieza similar - KT04H-P05-57K-N52-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Apex Electronics Co., L...
KT0400Q-010 APEX-ELECTRONICS-KT0400Q-010 Datasheet
332Kb / 2P
Pushbutton Switches, 500,000 cycles, optional LED
KT0400Q-011 APEX-ELECTRONICS-KT0400Q-011 Datasheet
332Kb / 2P
Pushbutton Switches, 500,000 cycles, optional LED
KT0400Q-012 APEX-ELECTRONICS-KT0400Q-012 Datasheet
332Kb / 2P
Pushbutton Switches, 500,000 cycles, optional LED
KT0400Q-013 APEX-ELECTRONICS-KT0400Q-013 Datasheet
332Kb / 2P
Pushbutton Switches, 500,000 cycles, optional LED
KT0400Q-020 APEX-ELECTRONICS-KT0400Q-020 Datasheet
332Kb / 2P
Pushbutton Switches, 500,000 cycles, optional LED
More results

Descripción similar - KT04H-P05-57K-N52-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com