Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE555L-D08-T Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza NE555L-D08-T
Descripción Electrónicos  SINGLE TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555L-D08-T Datasheet(HTML) 7 Page - Unisonic Technologies

  NE555L-D08-T Datasheet HTML 1Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 2Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 3Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 4Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 5Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 6Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 7Page - Unisonic Technologies NE555L-D08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R106-001,F
TYPICAL CHARACTERISTICS
TA=125℃
TA=25℃
TA=-55℃
VCC=10V
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
2
14
7 10
20
40
70 100
Low-Level Output Current,IOL (mA)
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
10
7
4
2
1
0.7
0.4
0.2
0.1
0.07
0.04
0.02
0.01
12
4
7 10
20
40
70 100
TA=125℃
TA=-55℃
TA=25℃
VCC=5V
100
70
40
20
10
7
4
2
1
0.01
0.02
0.04
0.07
0.2
0.1
0.4
0.7
1
2
4
7
10
Low-Level Output Voltage vs
Low-Level Output Current
Low-Level Output Current,IOL (mA)
VCC=15V
TA=-55℃
TA=125℃
TA=25℃


Número de pieza similar - NE555L-D08-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
NE555L-D08-T UTC-NE555L-D08-T Datasheet
205Kb / 8P
   SINGLE TIMER
NE555L-D08-T UTC-NE555L-D08-T Datasheet
242Kb / 7P
   SINGLE TIMER
More results

Descripción similar - NE555L-D08-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com