Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6457GLFD Datasheet(PDF) 102 Page - Renesas Technology Corp

No. de pieza R5F6457GLFD
Descripción Electrónicos  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 101Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 103Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 104Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 105Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 102 of 129
Nov 09, 2010
R32C/157 Group
5. Electrical Characteristics
Note:
1.
This recovery time does not include the period until the main clock oscillator is stabilized. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.14
Electrical Characteristics of Clock Circuitry
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ.
Max.
trec(WAIT)
Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com