| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT67F60 Datasheet(PDF) 206 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 206 Page - Holtek Semiconductor Inc |
|
206 / 242 page ![]() Rev. 1.50 206 March 06 , 2012 Rev. 1.50 207 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO Part No. Duty Driver No. Bias Bias Type Wave Type HT67F30 1/2 21x2 1/2 or 1/3 C or R A or B 1/3 21x3 1/4 20x4 HT67F40 1/2 33x2 1/2 or 1/3 C or R A or B 1/3 33x3 1/4 32x4 HT67F40 1/2 41x2 1/2 or 1/3 C or R A or B 1/3 41x3 1/4 40x4 HT67F60 1/2 57x2 1/2 or 1/3 C or R A or B 1/3 57x3 1/4 56x4 LCD Selections C ty pe 1 /3 B ia s - ´ 3 Ch ar ge P um p VL CD 0. 1 m F 0. 1 m F 0. 1 m F LC D Po we r Su pp ly C har ge Pu mp C1 C2 V1 V2 V A V B V C (= VL CD ´ 1. 5) (= VL CD ) (= VL CD ´0 .5 V C u se d f or 1/ 3 Bi as o nl y) VM AX C ty pe 1 /2 B ia s - ´ 2 Ch ar ge P um p 0. 1 m F C har ge Pu mp C1 0. 1 m F 0. 1 m F C2 V1 V2 VL CD V A V B (= VL CD) (= VL CD ´ 0. 5) VM AX LC D Po we r Su pp ly C Type Bias Voltage Levels R t y pe 1 /2 B ia s R t y pe 1 /3 B ia s VL CD R R VL CD V A V B LC D Po we r Su pp ly V C R (= VL CD ´ 2/ 3) (= VL CD ´ 1/ 3) (= VL CD ) LC D On /O ff R R V A V B LC D Po we r Su ppl y (= VL CD ´ 1/ 2) (= VL CD) LC D On /O ff VM AX VM AX R Type Bias Voltage Levels |