| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT45F43 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F43 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc |
|
104 / 152 page ![]() OPA1 switch control: The following table illustrates the relationship between OPA1 control register settings and the switches: · HT45F23 OPA1 Control Bits in OPA1C0, OPA1C1 Switch Description Results A1PS A1NS A1OFM A1RS A1PSEL1 A1PSEL0 A1O2N S4C S5C S6C S8C~ S10C OPA1 connections 1 1 1 0 00 0 On On Off Off Calibration mode, A1N 1 1 1 1 00 0 On On Off Off Calibration mode, A1P 1 1 0 x 00 0 On On Off Off Input= A1N, A1P 0 1 0 x 01 0 Off On Off S10C On Input= A1N, VH1 0 1 0 x 10 0 Off On Off S9C On Input= A1N, VM 0 1 0 x 11 0 Off On Off S8C On Input= A1N, VL1 1 1 0 x 00 1 On On On Off Input= A1N, A1P, connect A1N, A1E 1 0 0 x 00 1 On Off On Off Input= A1P, OPA1 as unit gain buffer 0 1 0 x 01 0 Off On Off S10C On Input= A1N, VH1 0 1 0 x 10 0 Off On Off S9C On Input= A1N, VM 0 1 0 x 11 0 Off On Off S8C On Input= A1N, VL1 · HT45F43 OPA1 Control bits Switch Description Results A1PS A1NS A1PSEL1, 0 A1O2N S4C S5C S6C S8C~S10C OPA1 connections 1 1 00 0 On On Off Off Input = A1N, A1P 0 1 01 0 Off On Off S10C On Input = A1N, VH1 0 1 10 0 Off On Off S9C On Input = A1N, VM 0 1 11 0 Off On Off S8C On Input = A1N, VL1 1 1 00 1 On On On Off Input = A1N, A1P, Connect A1N, A1E 1 0 00 1 On Off On Off Input = A1P, OPA1 as buffer 0 1 01 0 Off On Off S10C On Input = A1N, VH1 0 1 10 0 Off Off Off S9C On Input = A1N, VM 0 1 11 0 Off On Off S8C On Input = A1N, VL1 Rev. 1.20 104 September 15, 2011 HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators |