Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

160NDD Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

No. de pieza 160NDD
Descripción Electrónicos  Diode - Diode Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NAINA [Naina Semiconductor ltd.]
Página de inicio  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

160NDD Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  160NDD Datasheet HTML 1Page - Naina Semiconductor ltd. 160NDD Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Thermal & Mechanical Specifications
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
OC unless otherwise
Parameter
Maximum average on-state current, 180
0C sinusoidal
Maximum repetitive peak reverse voltage range
Forward voltage drop
RMS isolation voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Maximum average forward
current @ TJ = 85
0C
IF(AV)
Maximum average RMS
forward current
IF(RMS)
Maximum non-repetitive
surge current @ t = 10ms
IFSM
Maximum I
2t for fusing @ t =
10ms
I
2t
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Diode – Diode Module
Improved glass passivation for high reliability
Exceptional stability at high temperatures
Thermal & Mechanical Specifications (TA = 25
0C unless otherwise noted)
Symbol
TJ
-
Rth(JC)
C unless otherwise noted)
Symbol
C sinusoidal
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
VFM
VISO
C unless otherwise noted)
Values
Units
160
A
251
A
4300
A
75
kA
2s
M3 PACKAGE
160NDD
4205450
Fax: 0120-4273653
www.nainasemi.com
Values
Units
-65 to +125
0C
0.2
0C/W
Values
Units
160
A
200 to 1600
V
1.35
V
2500
V
M3 PACKAGE


Número de pieza similar - 160NDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
160N10 VBSEMI-160N10 Datasheet
1Mb / 8P
N-Channel 100 V (D-S) MOSFET
logo
Cooper Bussmann, Inc.
160N11-660 COOPER-160N11-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
160N20 COOPER-160N20 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
STMicroelectronics
160N75F3 STMICROELECTRONICS-160N75F3 Datasheet
361Kb / 13P
N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
logo
Cooper Bussmann, Inc.
160NH00M COOPER-160NH00M Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Descripción similar - 160NDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com