Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN-3000_1105 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

No. de pieza TN-3000_1105
Descripción Electrónicos  3000W True Sine Wave DC-AC Inverter with Solar Charger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TN-3000_1105 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  TN-3000_1105 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYPE-A
Receptacletype
Country
Certificate
TYPE-B
TYPE-C
TYPE-D
TYPE-E
TYPE-F
USA
EUROPE
AUSTRALIA
U.K
JAPAN
GFCI
(Expectfor48Vinput)
ACOutputReceptacle(optional)
E13
Unit:mm
MechanicalSpecification
DeratingCurve
A :TYPE A OUTLET
B :TYPEBOUTLET
C:TYPECOUTLET
D:TYPEDOUTLET
E:TYPEEOUTLET
F:TYPEFOUTLET
+ACchargerandsolarcharger
Truesinewaveinverter
12:12VDC
24:24VDC
Bat.Voltage:
48:48VDC
1:110VAC
2:230VAC
Output:
O/P Wattage:3000W
TN
3000
112 A
E
E
13
13
CURVE1
AMBIENTTEMPERATURE(
)
0
10
20
30
40
50
60
70
20
40
60
80
100
CURVE2
BATTERY INPUTVOLTAGE(V)
10.5VDC
11.5VDC
15VDC
20
40
60
80
100
(HORIZONTAL)
+
-
+
-
+
-
3000W TrueSineWaveDC-ACInverterwithSolarCharger
T N - 3 0 0 0 series
FileName:TN-3000-SPEC2011-05-24
122.44
161.84
direction
Airflow
direction
Airflow
273
283.5
129.63
7.5
Remote
port
c
u i
t
B r e
s
s
t o
R
e
(ForReceptacle)
ACReceptacle
ACReceptacle
ACINTPUT
ACOUTPUT
ACINTPUT
ACOUTPUT
On
On
BatLow
BatLow
Saving
Saving
Setting
Setting
Remote
port
ACCHARGE
ACCHARGE
SOLARCHARGE
SOLARCHARGE
ACIN
ACIN
BY PASS
BY PASS
INVERTER
INVERTER
LOAD
LOAD
100
100
BATTERY
BATTERY
0
0
100
100
0
0
c
u i
t
B r e
s
s
t o
R
e
(ForReceptacle)
ON
OFF
c
u i
t
B r e
s
s
t o
R
e
Chassis
Ground
Cat.No.(1GG1HS-212)
WireRange(10-4 AWGStr
CuSolderedWires)
Torque(17.7-26.5inlb)
(For ACOutput)
(For ACOutput)
ON
OFF
c
u i
t
B r e
s
s
t o
R
e
Chassis
Ground
Cat.No.(1GG1HS-212)
WireRange(10-4 AWGStr
CuSolderedWires)
Torque(17.7-26.5inlb)
31.29
31.29
Type-A
Note:Whentheloadcurrentis>15A,must
useoutputterminalconnectionwhich
canbefoundinsidethe ACoutputpanel
oftheinverter.
Type-B
AC INPUT
AC OUTPUT
FG
L
L
N
N


Número de pieza similar - TN-3000_1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
More results

Descripción similar - TN-3000_1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
ISI-501 MEANWELL-ISI-501 Datasheet
113Kb / 4P
   500W True Sine Wave DC-AC Inverter with MPPT Solar Charger
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com