Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1780503 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 1780503
Descripción Electrónicos  PTPM 0,2/ 8-P-2,5
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1780503 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1780503 Datasheet HTML 1Page - PHOENIX CONTACT 1780503 Datasheet HTML 2Page - PHOENIX CONTACT 1780503 Datasheet HTML 3Page - PHOENIX CONTACT 1780503 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Apr 6, 2011
Extract from the online
catalog
 
PTPM 0,2/ 8-P-2,5
Order No.: 1780503
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1780503
 
 
Plug component, Nominal current: 2 A, Rated voltage (III/2): 160 V,
Number of positions: 8, Pitch: 2.5 mm, Color: black, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
046356
536158
sales group
E410
Pack
100 pcs.
Customs tariff
85366990
Catalog page information
Page 183 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
10/07/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
2.5 mm
Dimension a
17.5 mm
Number of positions
8


Número de pieza similar - 1780503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
178050601 WURTH-178050601 Datasheet
1Mb / 25P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
logo
PHOENIX CONTACT
1780507 PHOENIX-1780507 Datasheet
140Kb / 6P
   KDS 4
More results

Descripción similar - 1780503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1780493 PHOENIX-1780493 Datasheet
116Kb / 4P
   PTPM 0,2/ 6-P-2,5
1780477 PHOENIX-1780477 Datasheet
116Kb / 4P
   PTPM 0,2/ 2-P-2,5
1780480 PHOENIX-1780480 Datasheet
116Kb / 4P
   PTPM 0,2/ 4-P-2,5
1780558 PHOENIX-1780558 Datasheet
119Kb / 4P
   PTPM 0,4/ 8-P-2,5
1780545 PHOENIX-1780545 Datasheet
119Kb / 4P
   PTPM 0,4/ 6-P-2,5
1780529 PHOENIX-1780529 Datasheet
118Kb / 4P
   PTPM 0,4/ 2-P-2,5
1780532 PHOENIX-1780532 Datasheet
118Kb / 4P
   PTPM 0,4/ 4-P-2,5
1778890 PHOENIX-1778890 Datasheet
98Kb / 4P
   PTSM 0,5/ 8-P-2,5
1704861 PHOENIX-1704861 Datasheet
95Kb / 4P
   Plug - PTSM 0,5/ 8-P-2,5 WH
1802498 PHOENIX-1802498 Datasheet
62Kb / 2P
   MSTBVA 2,5/ 8-G-5,08 BK P.13,9
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com