Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC-123_V4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AMC-123_V4
Descripción Electrónicos  High Performance Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-123_V4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AMC-123_V4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-123_V4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMC-123_V4 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Performance Amplifier,
10 dB Gain 5 - 500 MHz
Rev. V4
AM-123 / AMC-123
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 3.5 dB Typical Midband Noise Figure
• +42 dBm Typical Midband Intercept
Description
M/A-COM’s AM-123 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and cur-
rent in a high intercept amplifier. This amplifier is
packaged in a TO-8 package. Due to the internal
power dissipation the thermal rise minimized. The
ground plane on the PC board should be configured
to remove heat from under the package AM-123 is
ideally suited for use where a high intercept, high
reliability amplifier is required.
FP-7
Parameter
Absolute Maximum
Max. Input Power
+23 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings 1
C-32
1. Operation of this device above any one of these parameters
may cause permanent damage.


Número de pieza similar - AMC-123_V4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
AMC-123SMA MA-COM-AMC-123SMA Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
More results

Descripción similar - AMC-123_V4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
High-performance Instrumentation Amplifier
logo
M/A-COM Technology Solu...
AM-119-AMC-119 MA-COM-AM-119-AMC-119 Datasheet
81Kb / 3P
High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123 Datasheet
118Kb / 3P
High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145 Datasheet
89Kb / 3P
High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146 Datasheet
78Kb / 3P
High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119_15 Datasheet
81Kb / 3P
High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145_15 Datasheet
89Kb / 3P
High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
High Performance Amplifier
AM-146 MA-COM-AM-146_15 Datasheet
472Kb / 4P
High Performance Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com