![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MD-010 Datasheet(PDF) 6 Page - Vectron International, Inc |
|
|
MD-010 Datasheet(HTML) 6 Page - Vectron International, Inc |
6 / 8 page ![]() Package Outline Specifications Notes: RF and 1pps input and output connectors are MCX type (SMA, SMB, MMCX connectors • require additional part numbers). Keyed connector is Samtec FTSH-108-01LDVK type. • Dimensions: mm • Module height in part number is the sum of oscillator height, board, and clearance • • Environmental Conditions Parameter Min Typical Max Units Condition Operating temperature see ordering information for avaialble ranges Humidity @ 40˚C 90 % Storage Temperature -55 +125 ˚C Package Outline Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com 16 Pin I/O Connections Number Name Description 1 PPS In External 1 PPS Input 2 PPS Out 1 PPS Output 3 Ground Ground 4 Ground Ground 5 Rx Serial Communications Receive 6 Tx Serial Communications Transmit 7 Vcc Power Supply 8 RF Out RF HCMOS Output 9 Locked Logic-high = Output locked to PPS 10 Module OK Logic low = Failure with module operation 11 ManHold Manual Holdover Input 12 Reset Hardware reset 13 Ground Ground 14 Ground Ground 15 Vcc Power Supply 16 Vcc Power Supply Handling Precautions Although ESD protection circuitry has been designed into the MD-010 proper precautions should be taken when handling and mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation. ESD Ratings Model Minimum Conditions Human body model 1500 V MIL-STD-833, Method 3015 Charged device model 1000 V JEDEC, JESD22-C101 Reliability VI qualification includes aging various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The MD-010 family is capable of meeting the following qualification tests: Environmental Compliance Parameter Conditions Mechanical shock MIL-STD-202, Method 213 condition B Mechanical vibration MIL-STD-202, Method 204 condition A Resistance to solvents MIL-STD-202, Method 215 6 oscillator height |
Número de pieza similar - MD-010 |
|
Descripción similar - MD-010 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |