Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

910GL Datasheet(PDF) 267 Page - Intel Corporation

No. de pieza 910GL
Descripción Electrónicos  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 267 Page - Intel Corporation

Back Button 910GL Datasheet HTML 263Page - Intel Corporation 910GL Datasheet HTML 264Page - Intel Corporation 910GL Datasheet HTML 265Page - Intel Corporation 910GL Datasheet HTML 266Page - Intel Corporation 910GL Datasheet HTML 267Page - Intel Corporation 910GL Datasheet HTML 268Page - Intel Corporation 910GL Datasheet HTML 269Page - Intel Corporation 910GL Datasheet HTML 270Page - Intel Corporation 910GL Datasheet HTML 271Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 426 page
background image
Ballout and Package Information
R
Datasheet
267
14
Ballout and Package Information
The (G)MCH ballout supports platforms using DDR2 and DDR system memory. The (G)MCH’s
system memory interface ballout differs between DDR2 and DDR modes.
Note:
The DDR and DDR2 signals are multiplexed so that they are supported on the same package.
14.1
DDR2 Ballout
Figure 14-1, Figure 14-2, and Figure 14-3 show the 82915G GMCH ballout for platforms using
DDR2 system memory, as viewed from the top side of the package. Figure 14-1 shows columns
1–12; Figure 14-2 shows columns 13–24; Figure 14-3 shows columns 25–35.
The complete DDR2 ballout for the 82915G/82915GV/82910GL GMCH and 82915P MCH are
listed in Table 14-1 and Table 14-2. Table 14-1 is sorted by ball number. Table 14-2 is sorted
alphabetically by signal name based on the signal names of the 82915G GMCH. Note that the
first table has more entries than the second table. The second table does not include unpopulated
balls whereas the first table does.
Note:
Balls that are listed as RSV are Reserved. Board traces should Not be routed to these balls.
Note:
Balls that are listed as NC are No Connects. Board traces to these balls are permitted as specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More