| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F4331-I/ML Datasheet(PDF) 244 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-I/ML Datasheet(HTML) 244 Page - Microchip Technology |
|
244 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 244 2010 Microchip Technology Inc. REGISTER 21-5: ADCHS: A/D CHANNEL SELECT REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GDSEL1 GDSEL0 GBSEL1 GBSEL0 GCSEL1 GCSEL0 GASEL1 GASEL0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-6 GDSEL<1:0> : Group D Select bits S/H-2 positive input. 00 = AN3 01 = AN7(1) 1x = Reserved bit 5-4 GBSEL<1:0> : Group B Select bits S/H-2 positive input. 00 = AN1 01 = AN5(1) 1x = Reserved bit 3-2 GCSEL<1:0> : Group C Select bits S/H-1 positive input. 00 = AN2 01 = AN6(1) 1x = Reserved bit 1-0 GASEL<1:0> : Group A Select bits S/H-1 positive input. 00 = AN0 01 = AN4 10 = AN8(1) 11 = Reserved Note 1: AN5 through AN8 are available only in PIC18F4331/4431 devices. |