Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F4331-E/P Datasheet(PDF) 360 Page - Microchip Technology

No. de pieza PIC18F4331-E/P
Descripción Electrónicos  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331-E/P Datasheet(HTML) 360 Page - Microchip Technology

Back Button PIC18F4331-E/P Datasheet HTML 356Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 357Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 358Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 359Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 360Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 361Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 362Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 363Page - Microchip Technology PIC18F4331-E/P Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 360
 2010 Microchip Technology Inc.
FIGURE 26-17:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 26-18: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 26-18:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 26-19: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TckH2dtV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
PIC18FXX31
—
40
ns
PIC18LFXX31
—
100
ns
121
Tckrf
Clock Out Rise Time and Fall Time
(Master mode)
PIC18FXX31
—
20
ns
PIC18LFXX31
—
50
ns
122
Tdtrf
Data Out Rise Time and Fall Time
PIC18FXX31
—
20
ns
PIC18LFXX31
—
50
ns
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TdtV2ckl
SYNC RCV (MASTER & SLAVE)
Data Hold before CK
 (DT hold time)
10
—
ns
126
TckL2dtl
Data Hold after CK
 (DT hold time)
15
—
ns
121
121
120
122
RC6/TX/CK/SS
RC7/RX/DT/SDO
Pin
Pin
125
126
RC6/TX/CK/SS
RC7/RX/DT/SDO
Pin
Pin