Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS-3000 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No. de pieza TS-3000
Descripción Electrónicos  3000W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-3000 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-3000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-3000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
TS-3000-112
TS-3000-124
TS-3000-148
TS-3000-212
TS-3000-224
TS-3000-248
150A
21~30VDC
90%
75A
42~60VDC
91%
150A
21~30VDC
91%
75A
42~60VDC
92%
MODEL
ACVOLTAGE
MAXIMUMOUTPUTPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
VOLTAGERANGE (Typ.)Note.1
EFFICIENCY (Typ.)
Note.2
DCCURRENT(Typ.)
Note.5
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
GFCIPROCTECTION
CIRCUITBREAKER
PROTECTION
PROTECTION
Truesinewave(THD<3%)atratedinputvoltage
300A
10.5~15VDC
89%
80A*5
40A*5
30A*3
30A*3
40A*5
3%
10.5~15VDC
88%
300A
80A*5
105
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH3detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
95
5
95
5
90
5
85
5
85
5
Byinternalfuseopen
Optional(OnlytypeF)
ACoutputreceptacle:15A
None
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.3
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
UL458(onlyfor"GFCI"receptacle-TypeF)
EN60950-1
CompliancetoEN61000-4-2,3,8ENV50204
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Thermostatically controlled cooling fan
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input polarity reverse / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
Optional monitoring software
3 years warranty
High surge power up to 6000W
High efficiency up to 92%
RATEDPOWER (Typ.)
3000W
3000W
3000W
3000W
3000W
3000W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
BatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
11.9Kg;1pcs/13Kg/1.98CUFT
DIMENSION
466.8*283.5*100mm(L*W*H)
NOTE
1.Efficiency is tested by 2100W, linear load at 13V, 26V, 52V input voltage.
2.Output derating capacity referenced by curve 1.
3.DC current is tested by 3000W, linear load at 12V, 24V, 48V input voltage.
4.All parameters not specified above are measured at rated load, 25
of ambient temperature.
5.The tolerance of each voltage value by models is:112/212
0.5V;124/224
1V;148/248
2V
200/220/230/240VACselectablebysettingbutton
100/110/115/120VACselectableby settingbutton
3450Wfor180sec./4500Wfor10sec. /surgepower6000Wfor30cycles
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
21 4%
11.3 4%
10.5 4%
3000W TrueSineWaveDC-ACPowerInverter
T S - 3 0 0 0 series
FileName:TS-3000-SPEC2009-04-09
50 0.1Hz50/60HzselectablebysettingbuttonS.W
60 0.1Hz50/60HzselectablebysettingbuttonS.W
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADDISSIPATION (Typ.)
10W @ standby saving mode
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
CONTROL WIRING
RJ11-RS232(Option)
LVD
None
None
E13


Número de pieza similar - TS-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000-112 MEANWELL-TS-3000-112 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000-112 MEANWELL-TS-3000-112 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000-112 MEANWELL-TS-3000-112 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
More results

Descripción similar - TS-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com