Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN-3000 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No. de pieza TN-3000
Descripción Electrónicos  3000W True Sine Wave DC-AC Inverter with Solar Charger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TN-3000 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TN-3000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TN-3000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TN-3000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. TN-3000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
TN-3000-112
TN-3000-124
TN-3000-148
TN-3000-212
TN-3000-224
TN-3000-248
200/220/230/240VACselectablebysettingbuttonS.W
50 0.1Hz50/60HzselectablebysettingbuttonS.W
150A
24V
21~30VDC
90%
75A
48V
42~60VDC
91%
150A
24V
21~30VDC
91%
75A
48V
42~60VDC
92%
MODEL
MAXIMUMOUTPUTPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
TRANSFERTIME (Typ.)
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
NOLOADDISSIPATION (Typ.)
BAT.VOLTAGE
OFFMODE
DRAW
CURRENT
VOLTAGERANGE
Note.5
EFFICIENCY (Typ.)
Note.1
DCCURRENT(Typ.)
Note.3
INPUT
INPUT
PROTECTION
BATTERY
OUTPUT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
Note.5
BAT.LOWSHUTDOWN Note.5
OVERTEMPERATURE
OUTPUTSHORT
REVERSEPOLARITY
GFCIPROCTECTION
100/110/115/120VACselectableby settingbuttonS.W
3450Wfor180sec./4500Wfor10sec./surgepower6000Wfor30cycles
Truesinewave(THD<3%)atratedinputvoltage
60 0.1Hz50/60HzselectablebysettingbuttonS.W
300A
12V
10.5~15VDC
89%
40A*12
40A*6
20A*6
20A*6
40A*6
11.3V
22.5V
45V
45V
22.5V
10.5V
21V
42V
42V
21V
3%
t<10msinverterbypass
Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
10W @ standby saving mode
12V
1mA
10.5~15VDC
88%
300A
40A*12
11.3V
10.5V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Byinternalfuseopen
Optional(OnlytypeF)
None
ACinput:20A, ACoutputreceptacle:15A
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.2
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
UL458(onlyfor"GFCI"receptacle-TypeF)
CompliancetoEN61000-4-2,3,4,5,6,8,11ENV50204
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
U.P.S. mode and energy saving mode (selectable)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Thermostatically controlled cooling fan
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Input polarity reverse / Overload / AC circuit breaker
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
Built-in solar / AC charger
Optional monitoring software
3 years warranty
High surge power up to 6000W
High efficiency up to 92%
RATEDPOWER (Typ.)
3000W
3000W
3000W
3000W
3000W
3000W
BATTERY TYPES
Open&sealedLead Acid
OVERLOAD(Typ.)
CIRCUITBREAKER
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
ACinput:40A, ACoutputreceptacle:15A
WITHSTANDVOLTAGE
BatI/P - ACI/P:3.0KVACBatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
3000W TrueSineWaveDC-ACInverterwithSolarCharger
T N - 3 0 0 0 series
MAXOPENCIRCUITVOLTAGE
CHARGECURRENT (Typ.)
CHARGECURRENT (max.)
CHARGEVOLTAGE
Note.5
CHARGEVOLTAGE
Note.5
25V
25A
30A
14.3V
14.3V
SOLAR
CHARGER
AC
CHARGER
28.5V
28.5V
12A
75V
57V
57V
6A
45V
28.5V
28.5V
12A
75V
57V
57V
6A
14.3V
14.3V
25A
45V
25V
OTHERS
PACKING
12.9Kg;1pcs/14Kg/1.98CUFT
DIMENSION
CONTROL WIRING
466.8*283.5*100mm(L*W*H)
RJ11-RS232(Option)
FileName:TN-3000-SPEC2010-04-09
NOTE
1.Efficiency is tested by 2100W, linear load at 13V, 26V, 52V input voltage.
2.Output derating capacity referenced by curve 1.
3.DC current is tested by 3000W, linear load at 12V, 24V, 48V input voltage.
4.All parameters not specified above are measured at rated load, 25
of ambient temperature.
5.The tolerance of each voltage value by models is:112/212
0.5V;124/224
1V;148/248
2V
ACVOLTAGE
Factorysettingsetat110VAC
Factorysettingsetat230VAC
PROTECTION
ENVIRONMENT
LVD
None
EN60950-1
None
E13
105
5
95
5
95
5
90
5
85
5
85
5


Número de pieza similar - TN-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000-124 MEANWELL-TN-3000-124 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
More results

Descripción similar - TN-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
ISI-501 MEANWELL-ISI-501 Datasheet
113Kb / 4P
   500W True Sine Wave DC-AC Inverter with MPPT Solar Charger
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com