Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT90PWM2 Datasheet(PDF) 152 Page - ATMEL Corporation

No. de pieza AT90PWM2
Descripción Electrónicos  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 361 page
background image
152
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.14 PSC Input Mode 6: Stop signal, Jump to Opposite Dead-Time and Wait.
Figure 16-29. PSC behaviour versus PSCn Input A in Fault Mode 6
Used in Fault mode 6, PSCn Input A or PSCn Input B act indifferently on On-Time0/Dead-Time0
or on On-Time1/Dead-Time1.
16.15 PSC Input Mode 7: Halt PSC and Wait for Software Action
Figure 16-30. PSC behaviour versus PSCn Input A in Fault Mode 7
Note:
1. Software action is the setting of the PRUNn bit in PCTLn register.
Used in Fault mode 7, PSCn Input A or PSCn Input B act indifferently on On-Time0/Dead-Time0
or on On-Time1/Dead-Time1.
16.16 PSC Input Mode 8: Edge Retrigger PSC
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1 OT1
DT0 OT0
DT1
OT1
DT0
OT0
DT1
OT1
PSCn Input A
or
PSCn Input B
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0 OT0
DT0
OT0
DT1
OT1
Software Action (1)
PSCn Input A
or
PSCn Input B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More