Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0073 Datasheet(PDF) 39 Page - Samsung semiconductor

No. de pieza KS0073
Descripción Electrónicos  34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0073 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KS0073 Datasheet HTML 35Page - Samsung semiconductor KS0073 Datasheet HTML 36Page - Samsung semiconductor KS0073 Datasheet HTML 37Page - Samsung semiconductor KS0073 Datasheet HTML 38Page - Samsung semiconductor KS0073 Datasheet HTML 39Page - Samsung semiconductor KS0073 Datasheet HTML 40Page - Samsung semiconductor KS0073 Datasheet HTML 41Page - Samsung semiconductor KS0073 Datasheet HTML 42Page - Samsung semiconductor KS0073 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073
39
Table 10. Instruction Set 2 (continued)
Instruction
RE
Instruction Code
Description
Execution time
RS
R/
W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
(fosc=270kHz)
Scroll Enable
1
1
HS4 HS3 HS2 HS1 Determine the line for horizontal smooth
scroll.
HS1 = "1/0" :
1st line dot scroll enable/disable
HS2 = "1/0" :
2nd line dot scroll enable/disable
HS3 = "1/0" :
3rd line dot scroll enable/disable
HS4 = "1/0" :
4th line dot scroll enable/disable
39
µs
Function Set
0
1
DL
N
RE
(0)
X
X
Set interface data length
DL = "1" : 8-bit,
DL = "0" : 4-bit
numbers of display line when NW = "0",
N = "1" : 2-line,
N = "0" : 1-line
extension register, RE("0"),
39
µs
1
1
DL
N
RE
(1)
BE
LP
Set DL, N, RE("1") and
CGRAM/SEGRAM blink enable (BE)
BE = " 1/0" : CGRAM/SEGRAM blink
enable/disable
LP = "1" : low power mode
LP = "0" : normal operation mode
39
µs
Set CGRAM
Address
0
0
0
0
1
AC5 AC4 AC3 AC2 AC1 AC0 Set CGRAM address in address counter.
39
µs
Set SEGRAM
Address
1
0
0
0
1
X
X
AC3 AC2 AC1 AC0 Set SEGRAM address in address
counter.
39
µs


Número de pieza similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Descripción similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
   34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com