![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KS0073 Datasheet(PDF) 30 Page - Samsung semiconductor |
|
|
KS0073 Datasheet(HTML) 30 Page - Samsung semiconductor |
30 / 78 page ![]() S6A0073 34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD 30 4) Entry Mode Set (1) RE = 0 RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 0 0 0 1 I/D S Set the moving direction of cursor and display. I/D : Increment/decrement of DDRAM address (cursor or blink) When I/D = "High", cursor/blink moves to right and DDRAM address is increased by 1. When I/D = "Low", cursor/blink moves to left and DDRAM address is decreased by 1. * CGRAM/SEGRAM operates the same as DDRAM, when read from or write to CGRAM/SEGRAM. When S = "High", after DDRAM write, the display of enabled line by DS1 - DS4 bits in the Shift Enable instruction is shifted to the right (I/D = "0") or to the left(I/D = "1"). But it will seem as if the cursor does not move. When S = "Low", or DDRAM read, or CGRAM/SEGRAM read/write operation, shift of display as the above function is not performed. (2) RE = 1 RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 0 0 0 1 1 BID Set the data shift direction of segment in the application set. BID : Data Shift Direction of Segment When BID = "Low", segment data shift direction is set to normal order from SEG1 to SEG100. When BID = "High", segment data shift direction is set to reversely from SEG100 to SEG1. By using this instruction, the efficiency of application board area can be raised. * The BID setting instruction is recommended to be set at the same time level of function set instruction. * DB1 bit must be set to "1". |
Número de pieza similar - KS0073 |
|
Descripción similar - KS0073 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |