Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0073 Datasheet(PDF) 28 Page - Samsung semiconductor

No. de pieza KS0073
Descripción Electrónicos  34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0073 Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button KS0073 Datasheet HTML 24Page - Samsung semiconductor KS0073 Datasheet HTML 25Page - Samsung semiconductor KS0073 Datasheet HTML 26Page - Samsung semiconductor KS0073 Datasheet HTML 27Page - Samsung semiconductor KS0073 Datasheet HTML 28Page - Samsung semiconductor KS0073 Datasheet HTML 29Page - Samsung semiconductor KS0073 Datasheet HTML 30Page - Samsung semiconductor KS0073 Datasheet HTML 31Page - Samsung semiconductor KS0073 Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
S6A0073
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
28
Table 6. Instruction Set 1 continued
Instruction
Instruction Code
Description
Execution time
RE
RS
R/
W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
(fosc=270kHz)
Set CGRAM
Address
0
0
0
0
1
AC5 AC4 AC3 AC2 AC1 AC0 Set CGRAM address in address counter.
39
µs
Set SEGRAM
Address
1
0
0
0
1
X
X
AC3 AC2 AC1 AC0 Set SEGRAM address in address
counter.
39
µs
Set DDRAM
Address
0
0
0
1
AC6 AC5 AC4 AC3 AC2 AC1 AC0 Set DDRAM address in address counter.
39
µs
Set Scroll
Quantity
1
0
0
1
X
SQ
5
SQ
4
SQ
3
SQ
2
SQ
1
SQ
0
Set the quantity of horizontal dot scroll.
39
µs
Read Busy
flag and
Address
x
0
1
BF
AC6 AC5 AC4 AC3 AC2 AC1 AC0 Can be known whether during internal
operation or not by reading BF.
The contents of address counter can also
be read.
BF = “1” : busy state,
BF = “0” : ready state.
0
µs
Write Data
X
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write data into internal RAM
(DDRAM / CGRAM / SEGRAM).
43
µs
Read Data
X
1
1
D7
D6
D5
D4
D3
D2
D1
D0
Read data from internal RAM
(DDRAM / CGRAM / SEGRAM).
43
µs
NOTE: When an MPU program with Busy Flag (DB7) checking is mode, 1/2 fOSC is necessary for executing the next
instruction by the falling edge of the "E" signal after the Busy Flag (DB7) goes to "low".
"X": Don't care


Número de pieza similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Descripción similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
   34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com