Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0073 Datasheet(PDF) 9 Page - Samsung semiconductor

No. de pieza KS0073
Descripción Electrónicos  34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0073 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KS0073 Datasheet HTML 5Page - Samsung semiconductor KS0073 Datasheet HTML 6Page - Samsung semiconductor KS0073 Datasheet HTML 7Page - Samsung semiconductor KS0073 Datasheet HTML 8Page - Samsung semiconductor KS0073 Datasheet HTML 9Page - Samsung semiconductor KS0073 Datasheet HTML 10Page - Samsung semiconductor KS0073 Datasheet HTML 11Page - Samsung semiconductor KS0073 Datasheet HTML 12Page - Samsung semiconductor KS0073 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073
9
PIN DESCRIPTION
Pin (No)
I/O
Name
Description
Interface
VDD(35)
for logical circuit (+3V, +5V)
VSS1, VSS2
(46, 61)
-
Power supply
0V (GND)
Power Supply
V1-V5 (68 - 64)
Bias voltage level for LCD driving
Vci (58)
I
Input voltage to the voltage converter to
generate LCD drive voltage
(Vci = 1.0 to 4.5V).
SEG1 - SEG60
(86 -128, 1- 17)
O
Segment output
Segment signal output for LCD drive.
LCD
COM0 - COM33
(85 - 69, 18 - 34)
O
Common output
Common signal output for LCD drive
LCD
OSC1, OSC2
(37, 36)
I(OSC1),
O(OSC2)
Oscillator
When using internal oscillator, connect
external Rf resistor.
If external clock is used, connect it to
OSC1.
External
resistor/oscilla
tor (OSC1)
CLK1, CLK2
(38, 39)
O
Latch (CLK1)/
Shift (CLK2) clock
When EXT = "High", each outputs latch
clock and shift clock for extension driver.
Extension
driver
C1, C2
(60, 59)
I
External
capacitance input
To use the voltage converter (2 times /3
times), these pins must be connected to
the external capacitance.
External
capacitance
M (41)
O
Alternated signal
for LCD driver
output
When EXT = "High", outputs the
alternating signal to convert LCD driver
waveform to AC for Extension driver.
Extension
driver
D(40)
O
Display data
interface
When EXT = "High", outputs extension
driver data (the 61th dot's data)
Extension
driver
EXT(44)
I
Extension driver
control signal
When EXT = "High", makes extension
driver control signal enable, When EXT
= "Low", suppress extra current
consumption and CLK1,CLK2,M,D
should be open.
-
RESET (42)
I
Reset pin
Initialized to Low
-
IE (45)
I
Selection pin of
instruction set.
When IE = "High", instruction set is
selected as Table 6.
When IE = "Low", instruction set is
selected as Table 10.
-


Número de pieza similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Descripción similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
   34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com