Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0073 Datasheet(PDF) 73 Page - Samsung semiconductor

No. de pieza KS0073
Descripción Electrónicos  34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0073 Datasheet(HTML) 73 Page - Samsung semiconductor

Back Button KS0073 Datasheet HTML 69Page - Samsung semiconductor KS0073 Datasheet HTML 70Page - Samsung semiconductor KS0073 Datasheet HTML 71Page - Samsung semiconductor KS0073 Datasheet HTML 72Page - Samsung semiconductor KS0073 Datasheet HTML 73Page - Samsung semiconductor KS0073 Datasheet HTML 74Page - Samsung semiconductor KS0073 Datasheet HTML 75Page - Samsung semiconductor KS0073 Datasheet HTML 76Page - Samsung semiconductor KS0073 Datasheet HTML 77Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073
73
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
DD = 2.7V to 5.5V, Ta = -30 to +85°C)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
-
2.7
-
5.5
V
Supply Current
IDD
Internal oscillation or
external clock.
(VDD=3.0V, fOSC = 270kHz)
-
0.15
0.3
mA
Input Voltage (1)
VIH1
-
0.7VDD
-
VDD
(except OSC1)
VIL1
VDD = 2.7 to 3.0
-0.3
-
0.2VDD
V
VDD = 3.0 to 5.5
-0.3
-
0.6
Input Voltage (2)
VIH2
-
0.7VDD
-
VDD
V
(OSC1)
VIL2
-
-
-
0.2VDD
Output Voltage (1)
VOH1
IOH = -0.1mA
0.75VDD
-
-
V
(DB0 to DB7)
VOL1
IOL = 0.1mA
-
-
0.2VDD
Output Voltage (2)
VOH2
IO = -40µA
0.8VDD
-
-
V
(expect DB0 to DB7)
VOL2
IO = 40µA
-
-
0.2VDD
Voltage Drop
VdCOM
IO = ± 0.1mA
-
-
1
V
vdSEG
-
-
1
Input Leakage Current
IIL
VIN = 0V to VDD
-1
-
1
µA
Low Input Current
IIN
VIN = 0V, VDD = 3V (pull up)
-10
-50
-120
Internal Clock (external Rf)
fOSC
Rf = 91k
Ω ± 2% (V
DD = 5V)
190
270
350
kHz
fEC
125
270
410
kHz
External Clock
Duty
-
45
50
55
%
tR, tF
-
-
0.2
µs
Voltage Converter Out2
(Vci = 4.5V)
VOUT2
Ta = 25
°C, C = 1µF,
IOUT = 0.25mA,
-3.0
-4.2
-
V
Voltage Converter Out3
(Vci = 2.7V)
VOUT3
fOSC = 270kHz
-4.3
-5.1
-
Voltage Converter Input
Vci
-
2.5
-
4.5
LCD Driving Voltage
VLCD
VDD-V5
1/5 bias
3.0
-
13.0
V
1/6.7 bias
3.0
-
13.0


Número de pieza similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Descripción similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
   34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com