Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0073 Datasheet(PDF) 50 Page - Samsung semiconductor

No. de pieza KS0073
Descripción Electrónicos  34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0073 Datasheet(HTML) 50 Page - Samsung semiconductor

Back Button KS0073 Datasheet HTML 46Page - Samsung semiconductor KS0073 Datasheet HTML 47Page - Samsung semiconductor KS0073 Datasheet HTML 48Page - Samsung semiconductor KS0073 Datasheet HTML 49Page - Samsung semiconductor KS0073 Datasheet HTML 50Page - Samsung semiconductor KS0073 Datasheet HTML 51Page - Samsung semiconductor KS0073 Datasheet HTML 52Page - Samsung semiconductor KS0073 Datasheet HTML 53Page - Samsung semiconductor KS0073 Datasheet HTML 54Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
S6A0073
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
50
Interface with MPU in Serial Mode
When IM input is "Low", serial interface mode is started. At this time, all three ports, SCLK (synchronizing
transfer clock), SID (serial input data), and SOD (serial output data), are used. If S6A0073 is to be used with
other chips, chip select port (CS) can be used. By setting CS to "Low", S6A0073 can receive SCLK input. If CS is
set to "High", S6A0073 reset the internal transfer counter.
Before transfer real data, start byte has to be transferred. It is composed of succeeding 5 "High" bits, register
read write control bit (R/W), register selection bit (RS) and end bit that indicates the end of start byte. Whenever
succeeding 5 "High" bits are detected by S6A0073, it resets the serial transfer counter and prepares to receive
next information. The next input data is the register selection bit which determines which register will be used,
and read write control bit that determine the direction of data. Then end bit is transferred, which must have "Low"
value to show the end of start byte. (refer to Figure 19, Figure 20)
(1) Write Operation (R/W = 0)
After start byte is transferred from MPU to S6A0073, 8-bit data is transferred which is divided into 2 bytes, each
byte has 4 bit's real data and 4 bit's partition token data. For example, if real data is "10110001" (D0 - D7), then
serially transferred data becomes "1011 0000 0001 0000" where 2nd and 4th 4 bits must be "0000" for safe
transfer. To transfer several bytes continuously without changing RS bit and RW bit, start byte transfer is needed
only at first starting time, I, e, after first start byte is transferred, real data succeeding can be transferred.
(2) Read Operation (R/W = 1)
After start byte is transferred to S6A0073, MPU can receive 8-bit data through the SOD at a time from the LSB.
Waiting time is needed to insert between start byte and data reading, as internal reading from RAM requires
some delay. Continuous data reading is possible such as serial write operation. It also needs only one start bytes,
only if some delay between reading operations of each byte is inserted. During the reading operation, S6A0073
observes succeeding 5 "High" from MPU. If it is detected, S6A0073 restarts serial operation at once and prepares
to receive RS bit. So in continuous reading operation, SID port must be "low".


Número de pieza similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Descripción similar - KS0073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0075 SAMSUNG-KS0075 Datasheet
533Kb / 71P
   34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
   34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
   34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com