Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0127 Datasheet(PDF) 10 Page - Samsung semiconductor

No. de pieza KS0127
Descripción Electrónicos  MULTISTANDARD VIDEO DECODER/SCALER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0127 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KS0127 Datasheet HTML 6Page - Samsung semiconductor KS0127 Datasheet HTML 7Page - Samsung semiconductor KS0127 Datasheet HTML 8Page - Samsung semiconductor KS0127 Datasheet HTML 9Page - Samsung semiconductor KS0127 Datasheet HTML 10Page - Samsung semiconductor KS0127 Datasheet HTML 11Page - Samsung semiconductor KS0127 Datasheet HTML 12Page - Samsung semiconductor KS0127 Datasheet HTML 13Page - Samsung semiconductor KS0127 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ELECTRONICS
KS0127B Data Sheet
MULTIMEDIA VIDEO
PAGE 10 OF 96
Modified on May/04/2000
CMDD register. Timing selection is through either SYNDIR or EAV bit.
Figure 3.
8-bit YCbCr Input Data Path
By using an external pixel clock, the reference clock input at XTALI is no longer required. Additional register bits
have to be programmed for different selections of pixel clock and timing, which are detailed in Table 2. The
following register/bit-settings are required for digital video input:
INSEL[3:0] = 8, 9, A, or F.
TSTCGN = 1.
DMCTL[1:0] = 2 or 3.
UGAIN = 238.
BRT = 34.
SAT = 229.
RGBH = UNIT = PED = 1.
Table 2: Digital Video Input Pixel Clock and Timing Selection
Pixel Clock TTL Timing
Embedded
Timing
Additional Register Programming
CKDIR*1
SYNDIR*2
EAV*3
VMEN
TSTGPH TSTGEN TSTGFR
PIXSEL
MNFMT
IFMT
0
0
0
1
0
1
3
0 if input
data is at
square
pixel
rate.
1 if input
is at
CCIR
601 rate.
1
0 if input
is 50 Hz
video.
1 if input
is 60 Hz
video.
0
0
1
0
1
1
3
1
0
1
0
0
1
1
1
1
1
0
0
1
0
1
3
1
1
0
1
0
1
1
1
1
1
1
0
0
1
1
1
1
*1: CKDIR = 0 - CK is output and is internally generated. CKDIR = 1 - CK is input from an external source.
*2: SYNDIR = 0 - HS1 and VS are output. SYNDIR = 1 - HS1 and VS are inputs from external sources.
*3: EAV = 0 - chip will not sync to embedded timing. EAV = 1 - chip will sync to embedded timing.
Note: the combination X11 for CKDIR, SYNDIR, EAV is not valid.
HS1
VS
EXV[7:0]
Timing
Control
Data
Demux
Y
C
Luma
Processing
Chroma
Processing
From Luma ADC
From Chroma ADC
To Luma Scaler
To Chroma Scaler


Número de pieza similar - KS0127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
More results

Descripción similar - KS0127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
MULTISTANDARD VIDEO DECODER/SCALER
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
Multistandard decoder
November 1984
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
Digital video scaler
May 1993
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
TW9903-Multi-standard Video Decoder With High Quality Down Scaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com