| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC30F2012AT-20I/P Datasheet(PDF) 205 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT-20I/P Datasheet(HTML) 205 Page - Microchip Technology |
|
205 / 206 page ![]() © 2008 Microchip Technology Inc. DS70139F-page 205 dsPIC30F2011/2012/3012/3013 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. dsPIC30F3013AT- 30I/SP-ES Example: dsPIC30F3013AT-30I/SP = 30 MIPS, Industrial temp., SPDIP package, Rev. A Trademark Architecture Flash E = Extended High Temp -40°C to +125°C I = Industrial -40°C to +85°C Temperature Device ID Package P= DIP SO = SOIC SP = SPDIP ML = QFN (8x8) Memory Size in Bytes 0 = ROMless 1 = 1K to 6K 2 = 7K to 12K 3 = 13K to 24K 4 = 25K to 48K 5 = 49K to 96K 6 = 97K to 192K 7 = 193K to 384K 8 = 385K to 768K 9 = 769K and Up Custom ID (3 digits) or T = Tape and Reel A,B,C… = Revision Level Engineering Sample (ES) Speed 20 = 20 MIPS 30 = 30 MIPS |