Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC12F1822-E/ST Datasheet(PDF) 220 Page - Microchip Technology

No. de pieza PIC12F1822-E/ST
Descripción Electrónicos  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST Datasheet(HTML) 220 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 216Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 217Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 218Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 219Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 220Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 221Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 222Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 223Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 220
Preliminary
 2010 Microchip Technology Inc.
TABLE 23-9:
SUMMARY OF REGISTERS ASSOCIATED WITH ENHANCED PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
221
CCP1AS
CCP1ASE
CCP1AS<2:0>
PSS1AC<1:0>
PSS1BD<1:0>
222
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
89
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
90
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
92
PR2
Timer2 Period Register
184*
PSTR1CON
—
—
—
STR1SYNC STR1D(1)
STR1C(1)
STR1B
STR1A
224
PWM1CON
P1RSEN
P1DC<6:0>
223
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<:0>1
186
TMR2
Timer2 Module Register
184
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
121
TRISC(1)
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
125
Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by the PWM.
*
Page provides register information.
Note 1:
PIC16F/LF1823 only.