Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC12F1822-I/MF Datasheet(PDF) 152 Page - Microchip Technology

No. de pieza PIC12F1822-I/MF
Descripción Electrónicos  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 148Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 149Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 150Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 151Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 152Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 153Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 154Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 155Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 152
Preliminary
 2010 Microchip Technology Inc.
TABLE 16-1:
SUMMARY OF REGISTERS ASSOCIATED WITH THE DAC MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on page
FVRCON
FVREN
FVRRDY
Reserved
Reserved
CDAFVR1
CDAFVR0
ADFVR1
ADFVR0
132
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS1
DACPSS0
—
—
151
DACCON1
—
—
—
DACR4
DACR3
DACR2
DACR1
DACR0
151
Legend:
— = unimplemented, read as ‘0’. Shaded cells are unused by the DAC module.