| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCIMX258CJM4A Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX258CJM4A Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc |
|
128 / 144 page ![]() i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3 128 Freescale Semiconductor Table 100 lists the 17 ×17 mm package i.MX25 no connect contact assignments. NF_CE0 D2 UART1_TXD U1 XP V14 ECB B2 UART1_RTS T3 XN U13 LBA B1 UART1_CTS T2 YP V13 BCLK D8 UART2_RXD P4 YN W12 RW C4 UART2_TXD T1 WIPER U14 UART2_RTS R3 INAUX0 U11 UART2_CTS R2 INAUX1 V12 INAUX2 U12 Table 100. 17x17 mm Package i.MX25 No Connect Contact Assignments Signal Name Contact Assignment NC_BGA_B20 B20 NC_BGA_E17 E17 NC_BGA_H17 H17 NC_BGA_J19 J19 NC_BGA_M18 M18 NC_BGA_P20 P20 NC_BGA_U15 U15 NC_BGA_U16 U16 NC_BGA_V15 V15 NC_BGA_V16 V16 NC_BGA_V17 V17 NC_BGA_W14 W14 NC_BGA_Y2 Y2 NC_BGA_Y14 Y14 NC_BGA_Y17 Y17 Table 99. 17x17 mm Package i.MX25 Signal Contact Assignment (continued) Signal Name Contact Assignment Signal Name Contact Assignment Signal Name Contact Assignment |