Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320DM647 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320DM647
Descripción Electrónicos  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 111Page - Texas Instruments TMS320DM647 Datasheet HTML 112Page - Texas Instruments TMS320DM647 Datasheet HTML 113Page - Texas Instruments TMS320DM647 Datasheet HTML 114Page - Texas Instruments TMS320DM647 Datasheet HTML 115Page - Texas Instruments TMS320DM647 Datasheet HTML 116Page - Texas Instruments TMS320DM647 Datasheet HTML 117Page - Texas Instruments TMS320DM647 Datasheet HTML 118Page - Texas Instruments TMS320DM647 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 181 page
background image
VPxCLKINx
VPxD[19:0] (Input)
VPxCTLx (Input)
1
2
3
4
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.11.3.2 Video Data and Control Timing (Video Capture Mode)
Table 6-49. Timing Requirements in Video Capture Mode for Video Data and Control Inputs
(see Figure 6-28)
-720
-800
-900
NO.
UNIT
-1100
MIN
MAX
1
tsu(VDATV-VKIH)
Setup time, VPxDx valid before VPxCLKINx high
2.4
ns
2
th(VDATV-VKIH)
Hold time, VPxDx valid after VPxCLKINx high
0.5
ns
3
tsu(VCTLV-VKIH)
Setup time, VPxCTLx valid before VPxCLKINx high
2.4
ns
4
th(VCTLV-VKIH)
Hold time, VPxCTLx valid after VPxCLKINx high
0.5
ns
Figure 6-28. Video Port Capture Data and Control Input Timing
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com