Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN-D12B Datasheet(PDF) 4 Page - Fujitsu Component Limited.

No. de pieza SN-D12B
Descripción Electrónicos  SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SN-D12B Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  SN-D12B Datasheet HTML 1Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 2Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 3Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 4Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 5Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 6Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 7Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 8Page - Fujitsu Component Limited. SN-D12B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SN SERIES
Item
AC Output module
Remarks
INPUT
NominalVoltage(DC)
5V,12V,24V
side
OperateVoltageRange
±20%ofnominalvoltage
MustOperateVoltage
80%ofnominalvoltage
MustReleaseVoltage
Minimum1V
5VDCType 330Ω±10%
InputImpedance
12VDCType 1,0kΩ±10%
24VDCType 2,0kΩ±10%
OUTPUT
LoadVoltage
DC3to30V
side
MaximumLoadCurrent
1.0A
seeCHARACTERISTICDATA
MinimumLoadCurrent
1mA
SwitchingCurrent
3A(10ms)
Max.Off-StateLeakageCurrent 0.1mA(at30VDC)
Max.On-StateVoltageDrop 1.2V
MaximumOperateTime
max.5µs
MaximumReleaseTime
max.25µs
InsulationResistance
Minimum1,000MΩ (at500VDC)
forinput-output
DielectricStrength
2,500Vrms1minute
OperatingTemperatureRange
–40°Cto+100°C
StorageTemperatureRange
–30°Cto+85°C
CaseColor
Red
Weight
Approximately2.9g
atDC5V0.1A
• OUTPUT MODULE High Speed Switching Type
atmax.loadcurrent
Item
Inputmodule
Outputmodule
Note
Resistance(initial)
Minimum 1,000 MΩ (500VDC)
Input-output
SurgeVoltage
2,500Vrms1min.
n
INSULATION


Número de pieza similar - SN-D12B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
SN-2A6 MSYSTEM-SN-2A6 Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/CE MSYSTEM-SN-2A6/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2A6/Q MSYSTEM-SN-2A6/Q Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA MSYSTEM-SN-2AA Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
SN-2AA/CE MSYSTEM-SN-2AA/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Descripción similar - SN-D12B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Schneider Electric
170ADM35011 SCHNEIDER-170ADM35011 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 12, 2022
170ADM35010 SCHNEIDER-170ADM35010 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 11, 2022
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com