Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS8218 Datasheet(PDF) 114 Page - ams AG

No. de pieza AS8218
Descripción Electrónicos  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 114 Page - ams AG

Back Button AS8218 Datasheet HTML 110Page - ams AG AS8218 Datasheet HTML 111Page - ams AG AS8218 Datasheet HTML 112Page - ams AG AS8218 Datasheet HTML 113Page - ams AG AS8218 Datasheet HTML 114Page - ams AG AS8218 Datasheet HTML 115Page - ams AG AS8218 Datasheet HTML 116Page - ams AG AS8218 Datasheet HTML 117Page - ams AG AS8218 Datasheet HTML 118Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 114 of 123
9. Circuit Diagram
IC1
AS8218 / AS8228
LCD
kWh
Vrms
Irms
12
XTAL
3.3V
D1
D3
D4
BAT
VDD
D
I1N
I2P
I2N
VDDA
VSSA
IO0
IO1
IO2
IO3
IO4
4
5
6
7
8
9
10
11
1
2
13
14
15
16
45
44
43
42
41
40
39
38
37
36
35
34
33
XOUT
LBP0
LBP1
LBP2
LBP3
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
C12
C13
3.3V
R10
C8
CT1
C3
RSH
C1
R4
R2
R1
C21
R13
C23
C22
L1
ZD1
3.3V
VI
VO
GND
IC3
NL
LOAD
VP
VN
I1P
1
2
3
48
47
46
LSD7
VSSD
IO5
RES_N
n.c.
n.c.
C14
3.3V
R5
C4
R12
R11
D5
+
C7
+
D2
IC2
3.3V
3.3V 3.3V
I/Os
Examples only
AS8228 only
R3
C2
C5
R6
R7
C6
C18
C19
R9
R8
C10
C9
3.3V
C11
C15
C16
C17
+
VDDA
VDDD
C20 +