| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3525 Datasheet(PDF) 185 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 Datasheet(HTML) 185 Page - ams AG |
|
185 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 185 - 194 Ball Nr. BGA144 Ball Name PAD Type I/O Ball Description ms_bs O MEMORY STICK bus state xpd[6] IO GPIO IO, Port D mci_fbclk I MMC/SD feedback clock G8 ms_fbclk D IO ST LSR I MEMORY STICK feedback clock xpd[7] IO GPIO IO, Port D G7 mci_rod D IO ST LSR O MMC/SD resistor open drain control 2-WIRE SERIAL Audio Master J3 CSCL D IO ST PU LSR O 2-WIRE SERIAL audio master clock line used for controlling the audio/PMU sub system K2 CSDA D IO ST PU LSR O 2-WIRE SERIAL audio master data line used for controlling the audio/PMU sub system Serial Synchronous Port ssp_fssout O SSP master, frame or slave select B7 ssp_fssin D IO ST PU LSR I SSP slave, frame select ssp_clkout O SSP master, clock line B8 ssp_clkin D IO ST PU LSR I SSP slave, clock line C7 ssp_rxd D IO ST PU LSR I SSP receive data input C8 ssp_txd D IO ST PU LSR O SSP transmit data output NandFlash / IDE naf_d[0] IO NAND FLASH data line (low byte) A12 D IO ST PD LSR A11 naf_d[1] D IO ST PD LSR IO NAND FLASH data line (low byte) A10 naf_d[2] D IO ST PD LSR IO NAND FLASH data line (low byte) B10 naf_d[3] D IO ST PD LSR IO NAND FLASH data line (low byte) C9 naf_d[4] D IO ST PD LSR IO NAND FLASH data line (low byte) D9 naf_d[5] D IO ST PD LSR IO NAND FLASH data line (low byte) D8 naf_d[6] D IO ST PD LSR IO NAND FLASH data line (low byte) D7 naf_d[7] D IO ST PD LSR IO NAND FLASH data line (low byte) B12 naf_d[8] D IO ST PD LSR IO NAND FLASH data line (high byte) B11 naf_d[9] D IO ST PD LSR IO NAND FLASH data line (high byte) C12 naf_d[10] D IO ST PD LSR IO NAND FLASH data line (high byte) C11 naf_d[11] D IO ST PD LSR IO NAND FLASH data line (high byte) C10 naf_d[12] D IO ST PD LSR IO NAND FLASH data line (high byte) D12 naf_d[13] D IO ST PD LSR IO NAND FLASH data line (high byte) |