| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE5566 Datasheet(PDF) 117 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5566 Datasheet(HTML) 117 Page - Analog Devices |
|
117 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 117 of 156 In either case, if Timer 2 is used to generate the baud rate, the TF2 interrupt flag does not occur. Therefore, Timer 2 interrupts do not occur and do not need to be disabled. In this mode, the EXF2 flag can, however, still cause interrupts that can be used as a third external interrupt. Baud rate generation is described as part of the UART serial port operation in the UART Serial Interface section. TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) RELOAD TF2 EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 0 P1.4/T2 P1.3/ T2EX C/ T2 = 1 fCORE Figure 101. Timer/Counter 2, 16-Bit Autoreload Mode TF2 P1.4/T2 P1.3/ T2EX TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) CAPTURE EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 1 C/ T2 = 0 fCORE Figure 102. Timer/Counter 2, 16-Bit Capture Mode |